| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705V8GRS/D bảng dữ liệu(PDF) 136 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705V8GRS/D bảng dữ liệu(HTML) 136 Page - NXP Semiconductors |
|
136 / 172 page ![]() SECTION 15: MESSAGE DATA LINK CONTROLLER Page 125 MC68HC705V8 Specification Rev. 2.1 15.5.4.7 Invalid Active Bit If the active to passive transition beginning the next data bit or symbol occurs between the passive to active transition beginning the current data bit or symbol and a, the current bit would be invalid. See Figure 15-14(1). 15.5.4.8 Valid Active Logic One If the active to passive transition beginning the next data bit or symbol occurs between a and b, the current bit would be considered a logic one. See Figure 15-14(2). 15.5.4.9 Valid Active Logic Zero If the active to passive transition beginning the next data bit or symbol occurs between b and c, the current bit would be considered a logic zero. See Figure 15-14(3). Figure 15-14: J1850 VPW Active Symbols a bc b a (1) Invalid Active (2) Valid Active (3) Valid Active 64 µs 128 µs d Bit Logic One Logic Zero (4) Valid SOF Symbol 200 µs de (5) Valid BREAK Symbol c 280 µs Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |