| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC05V7GRS/D bảng dữ liệu(PDF) 164 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05V7GRS/D bảng dữ liệu(HTML) 164 Page - NXP Semiconductors |
|
164 / 170 page ![]() SECTION 17: ELECTRICAL SPECIFICATIONS Page 150 MC68HC05V7 Specification Rev. 1.0 Figure 17-3: SPI SLAVE TIMING (CPHA = 0) Figure 17-4: SPI SLAVE TIMING (CPHA = 1) 4 1 12 5 5 13 13 4 BIT 6 --- 1 SLAVE LSB OUT SLAVE MSB OUT SEE NOTE NOTE: Not defined but normally LSB of character previously transmitted. SS (INPUT) SCK (CPOL=0) (INPUT) SCK (CPOL=1) (INPUT) MISO (OUTPUT) MOSI (INPUT) 7 6 8 9 2 2 11 10 LSB IN MSB IN BIT 6 --- 1 12 11 4 1 12 5 5 13 12 13 4 BIT 6 --- 1 SLAVE MSB OUT SLAVE LSB OUT SEE NOTE NOTE: Not defined but normally LSB of character previously transmitted. SS (INPUT) SCK (CPOL=0) (INPUT) SCK (CPOL=1) (INPUT) MISO (OUTPUT) MOSI (INPUT) 7 6 10 8 2 3 9 11 10 LSB IN MSB IN BIT 6 --- 1 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |