| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC05V7GRS/D bảng dữ liệu(PDF) 163 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05V7GRS/D bảng dữ liệu(HTML) 163 Page - NXP Semiconductors |
|
163 / 170 page ![]() SECTION 17: ELECTRICAL SPECIFICATIONS Page 149 MC68HC05V7 Specification Rev. 1.0 Figure 17-1: SPI MASTER TIMING (CPHA = 0) Figure 17-2: SPI MASTER TIMING (CPHA = 1) 4 1 13 5 5 12 13 12 7 6 4 MSB IN LSB IN BIT 6 --- 1 BIT 6 --- 1 MASTER MSB OUT MASTER LSB OUT 10 (ref) 13 11 10 11 (ref) 12 SEE NOTE SEE NOTE NOTE: This first clock edge is generated internally but is not seen at the SCK pin. SS (INPUT) SCK (CPOL=0) (OUTPUT) SCK (CPOL=1) (OUTPUT) MISO (INPUT) MOSI (OUTPUT) SS is Held High on Master 4 1 12 5 5 13 12 13 7 6 4 MSB IN LSB IN BIT 6 --- 1 BIT 6 --- 1 MASTER MSB OUT MASTER LSB OUT 10 (ref) 13 11 10 11 (ref) 12 SEE NOTE SEE NOTE NOTE: This last clock edge is generated internally but is not seen at the SCK pin. SS (INPUT) SCK (CPOL=0) (OUTPUT) SCK (CPOL=1) (OUTPUT) MISO (INPUT) MOSI (OUTPUT) SS is Held High on Master Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |