công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8280CVVBX bảng dữ liệu(PDF) 76 Page - NXP Semiconductors

tên linh kiện MPC8280CVVBX
Giải thích chi tiết về linh kiện  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVVBX bảng dữ liệu(HTML) 76 Page - NXP Semiconductors

Back Button MPC8280CVVBX Datasheet HTML 72Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 73Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 74Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 75Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 76Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 77Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 78Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 79Page - NXP Semiconductors MPC8280CVVBX Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
76
Freescale Semiconductor
Package Description
9.1
Package Parameters
This table provides package parameters.
NOTE: Temperature Reflow for the VR Package
In the VR package, sphere composition is lead-free (see Table 2). This
requires higher temperature reflow than what is required for other
PowerQUICC II packages. Consult “Freescale PowerQUICC II Pb-Free
Packaging Information” (MPC8250PBFREEPKG) available on
www.freescale.com.
Table 26. Package Parameters
Package
SoCs
Outline
(mm)
Type
Interconnects
Pitch
(mm)
Nominal Unmounted
Height (mm)
ZU
MPC8280
MPC8270
37.5
× 37.5
TBGA
480
1.27
1.55
VV
MPC8280
MPC8270
37.5
× 37.5
TBGA
480
1.27
1.55
VR
MPC8275VR
MPC8270VR
27
× 27
PBGA
516
1
2.25
ZQ
MPC8275ZQ
MPC8270ZQ
27
× 27
PBGA
516
1
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83