| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280CVVBX bảng dữ liệu(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8280CVVBX bảng dữ liệu(HTML) 35 Page - NXP Semiconductors |
|
35 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 35 Clock Configuration Modes 0010_110 37.5 75.0 4 150.0 300.0 6 225.0 450.0 6 25.0 50.0 0011_000 30.0 50.0 5 150.0 250.0 5 150.0 250.0 5 30.0 50.0 0011_001 25.0 50.0 5 125.0 250.0 6 150.0 300.0 5 25.0 50.0 0011_010 25.0 50.0 5 125.0 250.0 7 175.0 350.0 5 25.0 50.0 0011_011 25.0 50.0 5 125.0 250.0 8 200.0 400.0 5 25.0 50.0 0100_000 Reserved 0100_001 25.0 50.0 6 150.0 300.0 6 150.0 300.0 6 25.0 50.0 0100_010 25.0 50.0 6 150.0 300.0 7 175.0 350.0 6 25.0 50.0 0100_011 25.0 50.0 6 150.0 300.0 8 200.0 400.0 6 25.0 50.0 0101_000 60.0 100.0 2 120.0 200.0 2.5 150.0 250.0 4 30.0 50.0 0101_001 50.0 100.0 2 100.0 200.0 3 150.0 300.0 4 25.0 50.0 0101_010 50.0 100.0 2 100.0 200.0 3.5 175.0 350.0 4 25.0 50.0 0101_011 50.0 100.0 2 100.0 200.0 4 200.0 400.0 4 25.0 50.0 0101_100 50.0 100.0 2 100.0 200.0 4.5 225.0 450.0 4 25.0 50.0 0110_000 60.0 120.0 2.5 150.0 300.0 2.5 150.0 300.0 6 25.0 50.0 0110_001 60.0 120.0 2.5 150.0 300.0 3 180.0 360.0 6 25.0 50.0 0110_010 60.0 120.0 2.5 150.0 300.0 3.5 210.0 420.0 6 25.0 50.0 0110_011 60.0 120.0 2.5 150.0 300.0 4 240.0 480.0 6 25.0 50.0 0110_100 60.0 120.0 2.5 150.0 300.0 4.5 270.0 540.0 6 25.0 50.0 0110_101 60.0 120.0 2.5 150.0 300.0 5 300.0 600.0 6 25.0 50.0 0110_110 60.0 120.0 2.5 150.0 300.0 6 360.0 720.0 6 25.0 50.0 0111_000 Reserved 0111_001 50.0 100.0 3 150.0 300.0 3 150.0 300.0 6 25.0 50.0 0111_010 50.0 100.0 3 150.0 300.0 3.5 175.0 350.0 6 25.0 50.0 0111_011 50.0 100.0 3 150.0 300.0 4 200.0 400.0 6 25.0 50.0 0111_100 50.0 100.0 3 150.0 300.0 4.5 225.0 450.0 6 25.0 50.0 Table 20. Clock Configurations for PCI Host Mode (PCI_MODCK=1)1,2 (continued) Mode3 Bus Clock4 (MHz) CPM Multiplication Factor5 CPM Clock (MHz) CPU Multiplication Factor6 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |