| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280CVVBX bảng dữ liệu(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8280CVVBX bảng dữ liệu(HTML) 46 Page - NXP Semiconductors |
|
46 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 46 Freescale Semiconductor Pinout This figure shows the pinout of the ZU and VV packages as viewed from the top surface. Figure 13. Pinout of the 480 TBGA Package (View from Top) This table lists the pins of the MPC8280 and MPC8270, and Table 24 defines conventions and acronyms used in this table. Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List Pin Name Ball MPC8280/MPC8270 MPC8280 only BR W5 BG F4 1 2 3 4 5 6 7 8 9 1011 121314 1516 17 18 19 20 21 22 23 24 25 26 27 28 29 Not to Scale 1 2 3 4 5 6 7 8 9 1011 121314 1516 17 18 1920 21 222324 25 26 27 2829 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ |