| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M5M29KB bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M5M29KB bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp |
|
28 / 32 page ![]() M5M29KB/T331AVP Renesas LSIs Rev.1.0_48a_bezz 28 33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY Single Data Load to Page Buffer Flow Chart Suspend / Resume Flow Chart Clear Page Buffer Flow Chart Page Buffer to Flash Flow Chart Start Write 74H Write Address, Data Load Finished? Single Data Load To Page Buffer Completed NO YES Start Write B0H Status Register Read S.R. 7=1? NO YES Write FFH Read Array Data Read Finished? Operation Restart NO YES S.R. 6=1? NO YES Write D0H Erase/ Program Finished Suspend Resume Start Write 0EH Write D0H Page Address SR.7 = 1? Full Status Check If Desired Page Buffer To Flash Completed Write BOH? NO YES NO Suspend Loop Write D0H YES YES Status Register Read Start Write 55H Write D0H Clear Page Buffer Completed |