| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M5M29KB bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M5M29KB bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp |
|
27 / 32 page ![]() M5M29KB/T331AVP Renesas LSIs Rev.1.0_48a_bezz 27 33,554,432-BIT (4,194,304-WORD BY 8-BIT /2,097,152-WORD BY 16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY Word / Byte Program Flow Chart Block Erase Flow Chart Page Program Flow Chart Status Register Check Flow Chart Start Write 40H Write Address, Data Status Register Read SR.7 = 1? Full Status Check If Desired Word / Byte Program Completed Write B0H? NO YES NO Suspend Loop Write D0H YES YES Start Write 41H n = 0 Write Address n, DATA n SR.7 = 1? Full Status Check If Desired Page Program Completed Write B0H? NO YES NO Suspend Loop Write D0H YES YES n + 1 n = 7FH? n = FFH? NO YES Status Register Read Start Write 20H Write D0H Block Address SR.7 = 1? Full Status Check If Desired Erase Completed Write B0H? NO YES NO Suspend Loop Write D0H YES YES Status Register Read Start SR.3 = 0? NO YES SR.4,5 = 1? NO YES SR.5 = 0? NO YES SR.4 = 0? NO YES Pass (Block Erase, Program) Command Sequence Error Block Erase Error Program Error (Page Program) Block Erase Error (Block Fail) |