| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM6821 bảng dữ liệu(PDF) 8 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6821 bảng dữ liệu(HTML) 8 Page - EM Microelectronic - MARIN SA |
|
8 / 68 page ![]() R EM6821 Copyright © 2005, EM Microelectronic-Marin SA 8 www.emmicroelectronic.com 4. Reset Figure 6. illustrates the reset structure of the EM6821. One can see that there are six possible reset sources : (1) Internal initial reset from the Power On Reset (POR) circuitry. --> POR (2) External reset from the Reset terminal. --> System Reset, Reset CPU (3) External reset by simultaneous high/low inputs to port A. --> System Reset, Reset CPU (Combinations are defined in the registers OptInpRSel1 and OptInpRSel2) (4) Internal reset from the Digital Watchdog. --> System Reset, Reset CPU (5) Internal reset from the Oscillation Detection Circuit. --> System Reset, Reset CPU (6) Internal reset when sleep mode is activated. --> System Reset, Reset CPU All reset sources activate the System Reset and the Reset CPU. The ‘System Reset Delay’ ensures that the system reset remains active long enough for all system functions to be reset (active for n system clock cycles). The ‘CPU Reset Delay’ ensures that the reset CPU remains active until the oscillator is in stable oscillation. As well as activating the system reset and the reset CPU, the POR also resets all option registers and the sleep enable (SleepEn) latch. System reset and reset CPU do not reset the option registers nor the SleepEn latch. Reset state can be shown on Strobe terminal by selecting StrobeOutSel1,0 = 0 in RegLcdCntl1. Figure 6. Reset Structure S ystem R eset Delay CPU Reset Delay Enable A ctivate Digital W atchdog O scillation Detection R eset from Port A Input C om bination Reset P AD Sleep O ptInpR S leep Reset CP U Inhibit O scillation Detection Inhibit Digital W atchdog PO R PO R to O ption R egisters & S leepEn Latch DEBO UNCE Sleep Latch SleepEn Latch POR Internal D ata B us Write R eset R ead S tatus Write A ctive R ead S tatus Ck[10] Ck[1] Ck[8] Ck[1] C k[15] PO R Analogue Filter |