công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WED2ZLRSP01S38BC bảng dữ liệu(PDF) 5 Page - White Electronic Designs Corporation

tên linh kiện WED2ZLRSP01S38BC
Giải thích chi tiết về linh kiện  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S38BC bảng dữ liệu(HTML) 5 Page - White Electronic Designs Corporation

  WED2ZLRSP01S38BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vdd Supply Relative to VSS
-0.3V to +3.6V
VIN (DQx)
-0.3V to +3.6V
VIN (Inputs)
-0.3V to +3.6V
Storage Temperature (BGA)
-55°C to +125°C
Short Circuit Output Current
100mA
ELECTRICAL CHARACTERISTICS (0°C ≤ TA ≤ 70°C)
*Stress greater than those listed under “Absolute Maximum Ratings”: may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating condtions for extended periods may affect reliability.
Description
Symbol
Conditions
Min
Max
Units
Notes
Input High (Logic 1) Voltage
VIH
1.7
VCC +0.3
V
1
Input Low (Logic 0) Voltage
VIL
-0.3
0.7
V
1
Input Leakage Current
ILI
0V ≤ VIN ≤ VCC
-5
5
µA
2
Output Leakage Current
ILO
Output(s) Disabled, 0V ≤ VIN ≤ VCC
-5
5
µA
Output High Voltage
VOH
IOH = -1.0mA
2.0
---
V
1
Output Low Voltage
VOL
IOL = 1.0mA
---
0.4
V
1
Supply Voltage
VCC
2.375
2.625
V
1
NOTES:
1. All voltages referenced to VSS (GND)
2. ZZ pin has an internal pull-up, and input leakage is higher.
DC CHARACTERISTICS
NOTES:
1. IDD is specified with no output current and increases with faster cycle times. IDD increases with faster cycle times and greater output loading.
2. Typical values are measured at 2.5V, 25°C, and 10ns cycle time.
BGA CAPACITANCE
NOTES:
1. This parameter is sampled.
Description
Symbol
Conditions
Typ
Max
Units
Notes
Control Input Capacitance
CI
TA = 25°C; f = 1MHZ
5
7
pF
1
Input/Output Capacitance (DQ)
CO
TA = 25°C; f = 1MHZ
6
8
pF
1
Address Capacitance
CA
TA = 25°C; f = 1MHZ
5
7
pF
1
Clock Capacitance
CCK
TA = 25°C; f = 1MHZ
3
5
pF
1
Description
Symbol
Conditions
Typ
166
MHz
150
MHz
133
MHz
100
MHz
Units
Notes
Power Supply
Current: Operating
IDD
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle
Time = tCYC MIN; VCC = MAX; Output Open
650
600
560
500
mA
1, 2
Power Supply
Current: Standby
ISB2
Device Deselected; VCC = MAX; All Inputs ≤ VSS + 0.2
or VCC - 0.2; All Inputs Static; CK Frequency = 0;
ZZ ≤ VIL
30
60
60
60
60
mA
2
Power Supply
Current: Current
ISB3
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle
Time =tCYC MIN; VCC = MAX; Output Open;
ZZ ≥ VCC - 0.2V
20
40
40
40
40
mA
2
Clock Running
Standby Current
ISB4
Device Deselected; VCC = MAX; All Inputs
≤ VSS + 0.2 or VCC - 0.2; Cycle Time = tCYC
MIN; ZZ ≤ VIL
140
120
100
80
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com