công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WED2ZLRSP01S38BC bảng dữ liệu(PDF) 1 Page - White Electronic Designs Corporation

tên linh kiện WED2ZLRSP01S38BC
Giải thích chi tiết về linh kiện  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S38BC bảng dữ liệu(HTML) 1 Page - White Electronic Designs Corporation

  WED2ZLRSP01S38BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
The WED2ZLRSP01S, Dual Independent Array, NBL-
SSRAM device employs high-speed, Low-Power CMOS
silicon and is fabricated using an advanced CMOS process.
WEDC’s 24Mb, Sync Burst SRAM MCP integrates two
totally independent arrays, the first organized as a 512K x
32, and the second a 256K x 32.
All Synchronous inputs pass through registers controlled
by a positive edge triggered, single clock input per array.
The NBL or No Bus Latency Memory provides 100% bus
utilizaton, with no loss of cycles caused by change in modal
operation (Write to Read/Read to Write). All inputs except
for Asynchronous Output Enable and Burst Mode control
are synchronized on the positive or rising edge of Clock.
Burst order control must be tied either HIGH or LOW, Write
cycles are internally self-timed, and writes are initiated on
the rising edge of clock. This feature eliminates the need
for complex off-chip write pulse generation and proved
increased timing flexibility for incoming signals.
512K x 32/256K x 32 Dual Array
Synchronous Pipeline Burst NBL SRAM
PIN CONFIGURATION
(TOP VIEW)
Fast clock speed: 166, 150, 133, and 100MHz
Fast access times: 3.5ns, 3.8ns, 4.2ns, and 5.0ns
Fast OE# access times: 3.5ns, 3.8ns, 4.2ns, and
5.0ns
Single +2.5V ± 5% power supply (VCC)
Snooze Mode for reduced-standby power
Individual Byte Write control
Clock-controlled and registered addresses, data
I/Os and control signals
Burst control (interleaved or linear burst)
Packaging:
209-bump BGA package
Low capacitive bus loading
12
3
4
5
6
7
8
9
10
11
A
Vss
A_DATb0
A_DATb1
A_DATb2
A_DATb3
Vss
A_DATa0
A_DATa1
A_DATa2
A_DATa3
Vss
B
NC
A_DATb4
A_DATb5
A_DATb6
A_DATb7
Vss
A_DATa4
A_DATa5
A_DATa6
A_DATa7
NC
C
A_ADR
A_ADR
A_OE#
A_ADV
A_BWEb
Vss
A_BWEa
A_ZZ
A_ADR
A_ADR
A_ADR
D
A_ADR
Vss
A_CKE#
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
A_ADR
A_ADR
E
A_ADR
A_CK
A_GWE#
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
A_ADR1
A_ADR0
F
A_ADR
Vss
A_CS2#
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
A_ADR
A_ADR
G
A_ADR
A_ADR
A_CS1#A_CS2
A_BWEc
Vss
A_BWEd
A_LBO#
A_ADR
A_ADR
A_ADR
H
NC
A_DATc0
A_DATc1
A_DATc2
A_DATc3
Vss
A_DATd0
A_DATd1
A_DATd2
A_DATd3
NC
J
Vss
A_DATc4
A_DATc5
A_DATc6
A_DATc7
Vss
A_DATd4
A_DATd5
A_DATd6
A_DATd7
Vss
K
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
L
Vss
B_DATb0
B_DATb1
B_DATb2
B_DAT3
Vss
B_DATa0
B_DATa1
B_DATa2
B_DATa3
Vss
M
NC
B_DATb4
B_DATb5
B_DATb6
B_DAT7
Vss
B_DATa4
B_DATa5
B_DATa6
B_DATa7
NC
N
B_ADR
B_ADR
B_OE#
B_ADV
B_BWEb
Vss
B_BWEa
B_ZZ
B_ADR
B_ADR
B_ADR
P
B_ADR
Vss
B_CKE#
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
B_ADR
B_ADR
R
B_ADR
B_CK
B_GWE#
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
B_ADR1
B_ADR0
T
B_ADR
Vss
B_CS2#
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
B_ADR
B_ADR
U
B_ADR
NC
B_CS1#
B_CS2
B_BWEc
Vss
B_BWEd
B_LBO#
B_ADR
B_ADR
B_ADR
V
NC
B_DATc4
B_DATc5
B_DATc6
B_DATc7
Vss
B_DATd4
B_DATd5
B_DATd6
B_DATd7
NC
W
Vss
B_DATc0
B_DATc1
B_DATc2
B_DATc3
Vss
B_DATd0
B_DATd1
B_DATd2
B_DATd3
Vss
FEATURES
DESCRIPTION


Số phần tương tự - WED2ZLRSP01S38BC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Mô tả tương tự - WED2ZLRSP01S38BC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alliance Semiconductor ...
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
512K x 64 Synchronous Pipeline NBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com