công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WED2ZLRSP01S38BC bảng dữ liệu(PDF) 3 Page - White Electronic Designs Corporation

tên linh kiện WED2ZLRSP01S38BC
Giải thích chi tiết về linh kiện  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S38BC bảng dữ liệu(HTML) 3 Page - White Electronic Designs Corporation

  WED2ZLRSP01S38BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S38BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Write operation occurs when WE# is driven low at the rising
edge of the clock. BW#[d:a] can be used for byte write
operation. The pipe-lined NBL SSRAM uses a late-late write
cycle to utilize 100% of the bandwidth. At the first rising edge
of the clock, WE and address are registered, and the data
associated with that address is required two cycle later.
Subsequent addresses are generated by ADV High for
the burst access as shown below. The starting point of the
burst seguence is provided by the external address. The
burst address counter wraps around to its initial state upon
completion. The burst sequence is determined by the state
of the LBO# pin. When this pin is low, linear burst sequence
is selected. And when this pin is high, Interleaved burst
sequence is selected.
During normal operation, ZZ must be driven low. When ZZ
is driven high, the SRAM will enter a Power Sleep Mode
after 2 cycles. At this time, internal state of the SRAM is
preserved. When ZZ returns to low, the SRAM operates
after 2 cycles of wake up time.
The WED2ZLRSP01S is an NBL Dual Array SSRAM
designed to sustain 100% bus bandwidth by eliminating
turnaround cycle when there is transition from Read to
Write, or vice versa. All inputs (with the exception of OE#,
LBO# and ZZ) are synchronized to rising clock edges,
and all features are available on each of the independent
arrays.
All read, write and deselect cycles are initiated by the
ADV input. Subsequent burst addresses can be internally
generated by the burst advance pin (ADV). ADV should
be driven to Low once the device has been deselected in
order to load a new address for next operation.
Clock Enable (CKE#) pin allows the operation of the chip
to be suspended as long as necessary. When CKE# is
high, all synchronous inputs are ignored and the internal
device registers will hold their previous values. NBL
SSRAM latches external address and initiates a cycle
when CKE# and ADV are driven low at the rising edge
of the clock.
Output Enable (OE#) can be used to disable the output
at any given time. Read operation is initiated when at
the rising edge of the clock, the address presented to
the address inputs are latched in the address register,
CKE# is driven low, the write enable input signals WE#
are driven high, and ADV driven low. The internal array is
read between the first rising edge and the second rising
edge of the clock and the data is latched in the output
register. At the second clock edge the data is driven out
of the SRAM. During read operation OE# must be driven
low for the device to drive out the requested data.
NOTE 1: LBO# pin must be tied to High or Low, and Floating State must not be allowed.
LBO# Pin
High
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
↓
Fourth Address
00
0
1
1
0
1
1
01
0
0
1
1
1
0
10
1
1
0
0
0
1
11
1
0
0
1
0
0
BURST SEQUENCE TABLE
FUNCTION DESCRIPTION
(Interleaved Burst, LBO# = High)
(Interleaved Burst, LBO = High)
LBO# Pin
High
Case 1
Case 2
Case 3
Case 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
↓
Fourth Address
00
0
1
1
0
1
1
01
1
0
1
1
0
0
10
1
1
0
0
0
1
11
0
0
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com