công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W764M32VESSB bảng dữ liệu(PDF) 8 Page - White Electronic Designs Corporation

tên linh kiện W764M32VESSB
Giải thích chi tiết về linh kiện  64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W764M32VESSB bảng dữ liệu(HTML) 8 Page - White Electronic Designs Corporation

Back Button W764M32VESSB Datasheet HTML 4Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 5Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 6Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 7Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 8Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 9Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 10Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 11Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W764M32V-XSBX
March 2006
Rev. 2
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS – HARDWARE RESET (RESET#)
Parameter
Symbol
Unit
Min
Max
RESET# Pin Low (During Embedded Algorithms)
to Read Mode (1)
tready
20
µs
RESET# Pin Low (NOT During Embedded Algorithms)
to Read Mode (1)
tready
500
ns
RESET# Pulse Width
tRP
500
ns
RESET# High Time Before Read (1)
tRH
50
ns
RESET# Low to Standby Mode (1)
tRPD
20
µs
RY/BY# Recovery Time
tRB
0ns
NOTE: 1. Not tested.
RY/BY#
CS#, OE#
RESET#
tRP
tReady
tRH
tReady
tRP
tRH
tRB
RY/BY#
CS#, OE#
RESET#
FIGURE 4: RESET TIMINGS NOT DURING EMBEDDED ALGORITHMS
FIGURE 5: RESET TIMINGS DURING EMBEDDED ALGORITHMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com