| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P9415-R bảng dữ liệu(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
P9415-R bảng dữ liệu(HTML) 53 Page - Renesas Technology Corp |
|
53 / 62 page ![]() P9415-R Datasheet © 2021 Renesas Electronics Corporation 53 May 4, 2021 Table 42. System Mode Register (0x4D) Address and Bit Register Field Name R/W Default Value Function and Description 0x4d [7] BACKPOWERED R - Indication P9415 is powered by Vrect or Vout, but Tx function is not enabled. 0x4d [6:4] Reserved R - Reserved 0x4d [3] EXTENDED R - Indicates WPC EPP mode. 0x4d [2] TXMODE R - Indication of WP Transmitter mode. 0x4d [1] Reserved R - Reserved 0x4d [0] WPCMODE R - Indicates the FW is in WP Receiver mode. Table 43. System Command Register (0x4E) Address and Bit Register Field Name R/W Default Value Function and Description 0x4F [7] MPRENEGOTIATE W 0 AP sets 1 to launch re-negotiation. P9415 clears the bit after processing the command 0x4F [6] SETIDAUTNOK W 0 AP sets 1 to set ID authentication pass flag. P9415 clears the bit after processing the command 0x4F [5:2] Reserved W 0 Reserved 0x4F [1] CCACTIVATE W 0 AP sets 1 to enabled WPC 1.3 communication. P9415 clears the bit after processing the command 0x4F [0] SOFTRESTART W 0 AP sets 1 to restart P9415. P9415 clears the bit after processing the command 0x4E [7] VSWITCH W 0 AP sets 1 to send Voltage Switch command. P9415 clears the bit after processing the command 0x4E [6] Reserved W 0 Reserved 0x4E [5] CLRINT W 0 AP sets 1 to clear the interrupt. P9415 clears the bit after processing the command 0x4E [4] SENDCSP W 0 AP sets 1 to send Charge Status Packet in Rx mode. P9415 clears the bit after processing the command 0x4E [3] SENDEOP W 0 AP sets 1 to send End of Power Transfer Packet in Rx mode. P9415 clears the bit after processing the command 0x4E [2] SHA1AUTH W 0 AP sets 1 to enable device authentication. P9415 clears the bit after processing the command 0x4E [1] LDOTGL W 0 AP sets 1 to toggle LDO ON/OFF. P9415 clears the bit after processing the command 0x4E [0] SENDPROPP W 0 AP sets 1 to enable send the proprietary packet. P9415 clears the bit after processing the command |