công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422EB40U6 bảng dữ liệu(PDF) 233 Page - STMicroelectronics

tên linh kiện UPSD3422EB40U6
Giải thích chi tiết về linh kiện  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 bảng dữ liệu(HTML) 233 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 229Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 230Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 231Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 232Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 233Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 234Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 235Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 236Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
233/300
28.5.38
MCU I/O mode
In MCU I/O mode, the 8032 on the MCU module expands its own I/O by using the I/O Ports
on the PSD module. The 8032 can read PSD module I/O pins, set the direction of the I/O
Latched address output
Yes
Yes
No
No
Latched address
output mode on
page 238
Peripheral I/O mode
Yes
No
No
No
Peripheral I/O mode
on page 239
JTAG ISP
No
No
Yes(2)
No
JTAG ISP mode on
page 240
1.
MCELLBC outputs available only on pins PC2, PC3, PC4, and PC7.
2.
JTAG pins (PC0/TMS, PC1/TCK, PC5/TDI, PC6/TDO) are dedicated to JTAG pin functions (cannot be
used for general I/O).
Table 177.
Port configuration setting requirements
Port
operating
mode
Required action in
PSDsoft Express to
configure each pin
Value that 8032
writes to csiop
control register
at run-time
Value that 8032
writes to csiop
direction register at
run-time
Value that 8032
writes to Bit 7
(PIO_EN) of csiop
VM register at run-
time
MCU I/O
Choose the MCU I/O
function and declare
the pin name
Logic '0' (default)
Logic 1 = out of uPSD
Logic 0 = into uPSD
N/A
PLD I/O
Choose the PLD
function type, declare
pin name, and specify
logic equation(s)
N/A
Direction register has
no effect on a pin if
pin is driven from
OMC output
N/A
Latched
address output
Choose Latched
Address Out function,
declare pin name
Logic '1'
Logic '1' Only
N/A
Peripheral I/O
Choose Peripheral I/O
mode function and
specify address range
in DPLD for PSELx
N/A
N/A
PIO_EN bit = logic 1
(default is '0')
4-PIN JTAG
ISP
No action required in
PSDsoft to get 4-pin
JTAG. By default TDO,
TDI, TCK, TMS are
dedicated JTAG
functions.
N/A
N/A
N/A
6-PIN JTAG
ISP (faster
programming)
Choose JTAG TSTAT
function for pin PC3
and JTAG TERR
function for pin PC4.
N/A
N/A
N/A
Table 176.
Port operating modes (continued)
Port operating mode
Port A (80-pin
only)
Port B
Port C
Port D
Find it
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com