| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422EB40U6 bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 UPSD34xx instruction set summary 55/300 Table 9. Boolean variable manipulation instruction set Mnemonic(1) and use 1. All mnemonics copyrighted ©Intel Corporation 1980. Description Length/cycles CLR C Clear carry 1 byte/1 cycle CLR bit Clear direct bit 2 byte/1 cycle SETB C Set carry 1 byte/1 cycle SETB bit Set direct bit 2 byte/1 cycle CPL C Compliment carry 1 byte/1 cycle CPL bit Compliment direct bit 2 byte/1 cycle ANL C, bit AND direct bit to carry 2 byte/2 cycle ANL C, /bit AND compliment of direct bit to carry 2 byte/2 cycle ORL C, bit OR direct bit to carry 2 byte/2 cycle ORL C, /bit OR compliment of direct bit to carry 2 byte/2 cycle MOV C, bit Move direct bit to carry 2 byte/1 cycle MOV bit, C Move carry to direct bit 2 byte/2 cycle JC rel Jump if carry is set 2 byte/2 cycle JNC rel Jump if carry is not set 2 byte/2 cycle JB rel Jump if direct bit is set 3 byte/2 cycle JNB rel Jump if direct bit is not set 3 byte/2 cycle JBC bit, rel Jump if direct bit is set and clear bit 3 byte/2 cycle Table 10. Program branching instruction set Mnemonic(1) and use Description Length/cycles Program Branching Instructions ACALL addr11 Absolute subroutine call 2 byte/2 cycle LCALL addr16 Long subroutine call 3 byte/2 cycle RET Return from subroutine 1 byte/2 cycle RETI Return from interrupt 1 byte/2 cycle AJMP addr11 Absolute jump 2 byte/2 cycle LJMP addr16 Long jump 3 byte/2 cycle SJMP rel Short jump (relative addr) 2 byte/2 cycle JMP @A+DPTR Jump indirect relative to the DPTR 1 byte/2 cycle JZ rel Jump if ACC is zero 2 byte/2 cycle JNZ rel Jump if ACC is not zero 2 byte/2 cycle CJNE A, direct, rel Compare direct byte to ACC, jump if not equal 3 byte/2 cycle CJNE A, #data, rel Compare immediate to ACC, jump if not equal 3 byte/2 cycle CJNE Rn, #data, rel Compare immediate to register, jump if not equal 3 byte/2 cycle Obsolete Product(s) - Obsolete Product(s) |