| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422EB40U6 bảng dữ liệu(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 bảng dữ liệu(HTML) 53 Page - STMicroelectronics |
|
53 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 UPSD34xx instruction set summary 53/300 DEC @Ri Decrement indirect SRAM 1 byte/1 cycle INC DPTR Increment Data Pointer 1 byte/2 cycle MUL AB Multiply ACC and B 1 byte/4 cycle DIV AB Divide ACC by B 1 byte/4 cycle DA A Decimal adjust ACC 1 byte/1 cycle 1. All mnemonics copyrighted ©Intel Corporation 1980. Table 7. Logical instruction set Mnemonic(1) and use 1. All mnemonics copyrighted ©Intel Corporation 1980. Description Length/cycles Logical Instructions ANL A, Rn AND register to ACC 1 byte/1 cycle ANL A, direct AND direct byte to ACC 2 byte/1 cycle ANL A, @Ri AND indirect SRAM to ACC 1 byte/1 cycle ANL A, #data AND immediate data to ACC 2 byte/1 cycle ANL direct, A AND ACC to direct byte 2 byte/1 cycle ANL direct, #data AND immediate data to direct byte 3 byte/2 cycle ORL A, Rn OR register to ACC 1 byte/1 cycle ORL A, direct OR direct byte to ACC 2 byte/1 cycle ORL A, @Ri OR indirect SRAM to ACC 1 byte/1 cycle ORL A, #data OR immediate data to ACC 2 byte/1 cycle ORL direct, A OR ACC to direct byte 2 byte/1 cycle ORL direct, #data OR immediate data to direct byte 3 byte/2 cycle SWAP A Swap nibbles within the ACC 1 byte/1 cycle XRL A, Rn Exclusive-OR register to ACC 1 byte/1 cycle XRL A, direct Exclusive-OR direct byte to ACC 2 byte/1 cycle XRL A, @Ri Exclusive-OR indirect SRAM to ACC 1 byte/1 cycle XRL A, #data Exclusive-OR immediate data to ACC 2 byte/1 cycle XRL direct, A Exclusive-OR ACC to direct byte 2 byte/1 cycle XRL direct, #data Exclusive-OR immediate data to direct byte 3 byte/2 cycle CLR A Clear ACC 1 byte/1 cycle CPL A Compliment ACC 1 byte/1 cycle RL A Rotate ACC left 1 byte/1 cycle RLC A Rotate ACC left through the carry 1 byte/1 cycle RR A Rotate ACC right 1 byte/1 cycle RRC A Rotate ACC right through the carry 1 byte/1 cycle Table 6. Arithmetic instruction set (continued) Mnemonic(1) and use Description Length/cycles Obsolete Product(s) - Obsolete Product(s) |