| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422EB40U6 bảng dữ liệu(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6 bảng dữ liệu(HTML) 140 Page - STMicroelectronics |
|
140 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) I2C interface UPSD3422, UPSD3433, UPSD3434, UPSD3454 140/300 Is this the next to last byte to receive from Slave? If this is the next to last byte, do not allow Master to ACK on next interrupt. – S1CON.AA = 0, don’t let Master return ACK – Exit ISR, now ready to recv last byte from Slv If this is not next to last byte, let Master send ACK to Slave <S1CON.AA is already 1> – Exit ISR, ready to recv more bytes from Slave Else If mode is Slave-Transmitter: Is this Intr from SIOE detecting a Stop on bus? If Yes, a Stop was detected: – S1DAT = dummy, write to release bus – Exit ISR, Master needs no more data bytes If No, a Stop was not detected, continue: ACK recvd from Master? (status.ACK_RESP=0?) If No, an ACK was not received: – S1DAT = dummy, write to release bus – Exit ISR, Master needs no more data bytes If Yes, ACK was received, then continue: – S1DAT = xmit_buf[buffer_index], transmit byte – Exit ISR, transmit next byte on next interrupt Else If mode is Slave-Receiver: Is this Intr from SIOE detecting a Stop on bus? If Yes, a Stop was detected: – recv_buf[buffer_index] = S1DAT, get last byte – Exit ISR, Master has sent last byte If No, a Stop was not detected, continue: Determine if this Interrupt is from receiving an address or a data byte from a Master. Is (S1CON.ADDR = 1 and S1CON.AA =1)? If No, intr is from receiving data, goto C: If Yes, intr is from an address, continue: – slave_is_adressed = 1, local variable set true <indicates Master selected this slave> – S1CON.ADDR = 0, clear address match flag Determine if R/W bit indicates transmit or receive. Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |