| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9214 bảng dữ liệu(PDF) 16 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9214 bảng dữ liệu(HTML) 16 Page - Integrated Circuit Systems |
|
16 / 16 page ![]() 16 Integrated Circuit Systems, Inc. ICS9214 0809D—04/07/06 Revision History Rev. Issue Date Description Page # Updated SMBus table Byte 2, Bit 3 from:0 to:1. Updated PLL Multiplier Selection Table, from: Byte 1 to: Byte 0, and Bit 2,1,0, to: Bit 6,5,4. Updated Ordering Information from "Lead Free" to "Annealed Lead Free" A 4/6/2005 Added Phase noise spec Removed unsupported speeds from PLL Multiplier Selection, Changed minimum output raise, fall times from 140ps to 100 ps Compliant with Rev 0.81 of XCG spec. Various B 4/22/2005 1. Changed write address from D2 to a valid address (D8) 2. Changed read address from D3 to a valid address (D9) 3 C 11/11/2005 Added the 15/4 entry in the gear table to the list of supported frequencies 5 D 4/7/2006 Added Thermal Characteristics Table. 10 4-5,15 3/30/2005 0.1 |