| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAF1080BCPZ bảng dữ liệu(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAF1080BCPZ bảng dữ liệu(HTML) 19 Page - Analog Devices |
|
19 / 36 page ![]() Data Sheet ADAF1080 TERMINOLOGY analog.com Rev. 0 | 19 of 36 Output Error due to a Cross Field SERROC_BC is the error due to the presence of a cross field. SER- ROC_BC is defined as the percentage change of the output voltage in the presence of a cross field compared to the output voltage with no cross field. SERROR_BC=VOUTBCROSS−VOUTBCROSS=0 VOUTBCROSS=0 ×100 where: VOUT(BCROSS) is the measured output voltage of the device with a cross field present. VOUT(BCROSS = 0) is the measured output voltage of the device with no cross field present. |