| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAF1080BCPZ bảng dữ liệu(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAF1080BCPZ bảng dữ liệu(HTML) 31 Page - Analog Devices |
|
31 / 36 page ![]() Data Sheet ADAF1080 APPLICATIONS INFORMATION analog.com Rev. 0 | 31 of 36 TEMPERATURE MEASUREMENT The VTEMP output pin is a voltage output for temperature monitor- ing purposes. This output voltage is ratiometric to the supply. For maximum accuracy, an initial calibration at a known temperature is recommended. A temperature measurement can be extracted from the measure- ment of the VTEMP pin by the following equation: TVTEMP=VTEMP−VTEMPCAL−TCVTEMP×TCAL TCVTEMP (18) where: TVTEMP is the calibrated temperature of the sensor. VTEMP is the output of the VTEMP pin. VTEMP CALis the output of the VTEMP pin at the calibration tempera- ture. TCVTEMP is the temperature coefficient of the sensor as shown in Table 8. TCAL is the temperature at which the calibration was performed. VTEMP must be left disconnected when not in use. Figure 57. Circuit Diagram for Temperature Measurements Using VTEMP |