| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAF1080BCPZ bảng dữ liệu(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAF1080BCPZ bảng dữ liệu(HTML) 34 Page - Analog Devices |
|
34 / 36 page ![]() Data Sheet ADAF1080 CIRCUIT BOARD LAYOUT RECOMMENDATIONS analog.com Rev. 0 | 34 of 36 Any current carrying traces near the ADAF1080 produce a magnet- ic field. To minimize the impact of these stray fields of measure- ment, Analog Devices, Inc., recommends the following: 1. Keep any current carrying traces as far from the ADAF1080 as possible. 2. Route any current carrying traces to the ADAF1080 on the same layer as the ADAF1080. To a first order, the resultant magnetic field is perpendicular to the ADAF1080 (through the top of the package), as shown in Figure 60. Figure 60. Current Carrying Traces on PCB Routed on the Same Layer as the ADAF1080 3. Keep any current carrying vias as far from the ADAF1080 as possible. The field generated from current carrying vias can result in a magnetic field vector in the same plane as the ADAF1080, which can be detected by the AMR sensor and impact the accuracy of the sense field measurement, as shown in Figure 61. Figure 61. Current Carrying Vias Placed as Far Away from the ADAF1080 as Possible 4. Avoid magnetic materials near the ADAF1080 because these materials distort the magnetic fields near the device and can introduce a magnetic offset. Use nylon or plastic materials for mounting structures, screws, and supports. RECOMMENDED PCB LAYOUT Figure 62 and Figure 63 show the recommended layouts for a single sensor for either a 2-layer PCB implementation or for a 3-layer or more PCB implementation. Figure 62. Recommended Layout for 2-Layer PCB Figure 63. Recommended Layout for a 3-Layer PCB |