công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHT100CS6LE bảng dữ liệu(PDF) 25 Page - Exxelia Group

tên linh kiện 102SHT100CS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100CS6LE bảng dữ liệu(HTML) 25 Page - Exxelia Group

Back Button 102SHT100CS6LE Datasheet HTML 21Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 22Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 23Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 24Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 25Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 26Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 27Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 28Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 29Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CERAMIC CAPACITORS
7
info@exxelia.com
www.exxelia.com
Page revised 06/20
General characteristics
Selection Guide
Model
Coating
Leads
Mounting
Main Applications
Page
XBL SERIES
Broadband
0402
X7R
16V
100nF
–55°C
to
+125°C
•
•
DC Blocking,
Coupling,
Bypassing
138
UBL SERIES
Broadband
0402
X7R
16V
100nF
–55°C
to
+125°C
•
•
140
UBZ SERIES
Broadband
0201
X5R
X6T
10V
100nF
–55°C
to
+105°C
•
•
142
CH SERIES
Classic HiQ
0505
1111
P100
50V
to
1.5kV
0.1pF
to
1nF
–55°C
to
+175°C
•
•
••
Cellular base station
amplifier, MRI.
144
SH SERIES
Super HiQ
0402
to
1210
NPO
25V
to
1.5kV
0.2pF
to
1nF
–55°C
to
+150°C
•
•
••
Cellular base station
equipment
Broadband
Point to point/
multi-point radios
RF generators
147
SHD / SHR SERIES
Reverse Geometry
0709
0711
NPO
500V
0.5pF
to
100pF
–55°C
to
+175°C
•
•
150
NHB SERIES
High Self Resonant
Frequency
1111
NPO
500V
0.3pF
to
100pF
–55°C
to
+175°C
•
•
152
CP SERIES
High Power
2225
4040
P100
200V
to
7kV
1pF
to
10nF
–55°C
to
+125°C
•
•
•••••
RF power amplifier
Plasma chamber
MRI coils
154
CL SERIES
High Power
2225
to
7065
NPO
200V
to
7kV
1pF
to
10nF
–55°C
to
+125°C
•
•
•••••
RF power amplifier
Plasma chamber
MRI coils
158
ADDITIONAL AVAILABLE RANGES (consult our website)
TCE1X Series
-
NPO
63V
to
100V
0,5pF
to
10nF
–55°C
to
+125°C
•
••
Precision, stability,
decoupling
-
TCN19 Series
-
2C1
63V
to
250V
10pF
to
1
µF
–55°C
to
+125°C
•
••
Decoupling
-
TCN3X Series
-
2C1
50V
to
100V
100pF
to
1,8
µF
–55°C
to
+125°C
•
••
-
LA6 Series
-
2C1
25V
to
63V
100pF
to
1
µF
–55°C
to
+125°C
•
••
-
H Series
0805
to
6560
NPO
X7R
1kV
to
10kV
2pF
to
390nF
–55°C
to
+125°C
••
•••
Power supply,
voltage multiplier,
radars.
-
CNC5X Series
3033
to
80150
X7R
63V
to
500V
0,1
µF
to
180
µF
–55°C
to
+125°C
••
•
••
Switch Mode
Power Supply,
filtering,
smoothing,
decoupling.
• aerospace
• space
• defence
-
CNC8X Series (chips)
3033
to
33110
X7R
63V
to
400V
47nF
to
27
µF
–55°C
to
+125°C
•
•
-
CNC8X Series (DIL)
3333
to
80150
X7R
63V
to
400V
47nF
to
180
µF
–55°C
to
+125°C
••
•
••
-
TCP / TCV8X Series
3333
to
80150
X7R
63V
to
400V
47nF
to
180
µF
–55°C
to
+125°C
•
••
-
TCP / TCV5X Series
3033
to
80150
X7R
63V
to
500V
0,1
µF
to
180
µF
–55°C
to
+125°C
•
••
-
TCF Series
-
X7R
63V
to
500V
0,1
µF
to
18
µF
–55°C
to
+125°C
•
••
-
CNC25X Series
3033
to
5550
X7R
50V
1
µF
to
33
µF
–55°C
to
+200°C
••
•
••
Oil drilling, motor con-
trol, braking systems.
-
CNW Series
-
X7R
100V
to
300V
10nF
to
1
µF
–55°C
to
+125°C
•
••
••
Power amplifier
-
SPT519 / CAW
CEW Series
-
NPO
100V
to
300V
10nF
to
1
µF
–55°C
to
+125°C
••
••
••
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com