công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHT100CS6LE bảng dữ liệu(PDF) 34 Page - Exxelia Group

tên linh kiện 102SHT100CS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100CS6LE bảng dữ liệu(HTML) 34 Page - Exxelia Group

Back Button 102SHT100CS6LE Datasheet HTML 26Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 27Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 28Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 29Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 30Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 31Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 32Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 33Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 34Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
CERAMIC CAPACITORS
16
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
As the world’s leading manufacturer of specific passive components, we stand
apart through our ability to quickly evaluate the application specific engineering
challenges and provide a cost-effective and efficient solutions.
For requirements that cannot be met by catalog products, we offer leading edge
solutions in custom configuration: custom geometries, packaging, characteristics,
all is possible thanks to our extensive experience and robust development process,
while maintaining the highest level of reliability.
Where necessary, special testing is done to verify requirements, such as low
dielectric absorption, ultra-high insulation resistance, low dissipation factor,
stability under temperature cycling or under specified environmental conditions,
etc.
HIGH CAPACITANCE
• High energy density
• Specific case sizes
• Specific shape of connections (high resistance to vibrations)
HIGH TEMPERATURE
• Up to 250°C
• Specific shape of connections
• 2,000 hours life time
• HMP soldering
OTHERS
• Screen printed resistors
• Complex components
• Full functions available
HIGH VOLTAGE
• Up to 50 kV
• Specific circular shape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com