công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHT100CS6LE bảng dữ liệu(PDF) 24 Page - Exxelia Group

tên linh kiện 102SHT100CS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100CS6LE bảng dữ liệu(HTML) 24 Page - Exxelia Group

Back Button 102SHT100CS6LE Datasheet HTML 20Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 21Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 22Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 23Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 24Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 25Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 26Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 27Page - Exxelia Group 102SHT100CS6LE Datasheet HTML 28Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CERAMIC CAPACITORS
6
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
Model
Coating
Leads
Mounting
Main
Applications
Page
R SERIES (CHIPS)
High Capacitance
Chips Capacitors
2225
to
45107
X7R
50V
to
500V
47nF
to
27
µF
–55°C
to
+125°C
•
•
Switch Mode
Power Supply,
filtering,
smoothing,
decoupling.
• aerospace
• space
• defence
73
R SERIES (LEADED)
Radial Leaded Conformal
Coated Capacitors
-
X7R
50V
to
500V
47nF
to
27
µF
–55°C
to
+125°C
•
••
77
TEF SERIES
Radial Leaded Conformal
Coated Capacitors
-
NPO
63V
to
500V
10nF
to
680nF
–55°C
to
+125°C
•
••
80
SV / SC SERIES
High Capacitance
Stacked Capacitors
2225
to
125205
X7R
50V
to
500V
47nF
to
390
µF
–55°C
to
+125°C
••
••
••
81
CNC3X SERIES
High Capacitance
Stacked Capacitors
2220
to
4040
X7R
16V
to
25V
1.2
µF
to
68
µF
–55°C
to
+125°C
••
•
••
88
CEC5X SERIES
High Capacitance
Stacked Capacitors
3033
to
80150
NPO
63V
to
500V
10nF
to
6.8
µF
–55°C
to
+125°C
••
•
••
90
TEP / TEV SERIES
High Capacitance
Stacked Capacitors
-
NPO
63V
to
500V
10nF
to
6.8
µF
–55°C
to
+125°C
•
••
93
TCN8X SERIES
High Capacitance Molded
Stacked Capacitors
-
X7R
63V
to
500V
0.47
µF
to
120
µF
–55°C
to
+125°C
•
••
95
CE / CN SERIES
High Temperature
Chips Capacitors
0402
to
3040
NPO
X7R
16V
to
100V
1pF
to
8.2
µF
–55°C
to
+250°C
•
•
Oil drilling, motor
control, braking
systems.
100
SCT SERIES
High Temperature
Stacked Capacitors
2225
to
125205
X7R
50V
to
500V
47nF
to
390
µF
–55°C
to
+215°C
••
•
••
102
TCE / TCN MOLDED
SERIES HT
High Temperature
Molded Capacitors
-
NPO
X7R
16V
to
100V
1pF
to
10
µF
–55°C
to
+220°C
•
••
•
107
TCE / TCN SELF-PRO-
TECTED SERIES
High Temperature
Self-Protected Capacitors
-
NPO
X7R
25V
to
500V
10pF
to
3.9
µF
–55°C
to
+250°C
•
••
•
109
TCH SERIES
High Temperature
High Voltage Capacitors
-
NPO
X7R
200V
to
10kV
10pF
to
15
µF
–55°C
to
+250°C
•
••
111
TBC SERIES
Discoidal Capacitors
-
NPO
X7R
25V
to
1kV
10pF
to
12
µF
–55°C
to
+125°C
•
•
Very low ESL
115
BPM SERIES
Planar Array
-
X7R
25V
to
200V
330pF
to
68nF
–55°C
to
+125°C
•
•
Very low ESL,
miniaturisation
117
Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com