| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV8317HREER bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8317HREER bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 69 page ![]() VM OUTx GND HS Gate Control LS Gate Control VGS_LS VGS_HS Figure 8-11. Cross Conduction Protection VGS_HS VGS_LS tDEAD Time 10% 10% Figure 8-12. Dead Time 8.3.8 Propagation Delay The propagation delay time (tpd) is measured as the time between an input logic edge to change in OUTx voltage. The propagation delay time includes the input deglitch delay, analog driver delay, and depends on the slew rate setting . The input deglitcher prevents high-frequency noise on the input pins from affecting the output state of the gate drivers. To support multiple control modes, a small digital delay is added as the input command propagates through the device. DRV8317 SLVSGT3 – DECEMBER 2022 www.ti.com 24 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRV8317 |