công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8317HREER bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện DRV8317HREER
Giải thích chi tiết về linh kiện  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 34Page - Texas Instruments DRV8317HREER Datasheet HTML 35Page - Texas Instruments DRV8317HREER Datasheet HTML 36Page - Texas Instruments DRV8317HREER Datasheet HTML 37Page - Texas Instruments DRV8317HREER Datasheet HTML 38Page - Texas Instruments DRV8317HREER Datasheet HTML 39Page - Texas Instruments DRV8317HREER Datasheet HTML 40Page - Texas Instruments DRV8317HREER Datasheet HTML 41Page - Texas Instruments DRV8317HREER Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
8.6.1 DEV_STS Register (Offset = 0h) [Reset = 0280h]
DEV_STS is shown in Figure 8-28 and described in Table 8-11.
Return to the Table 8-9.
Figure 8-28. DEV_STS Register
15
14
13
12
11
10
9
8
PARITY
RESERVED
DNRDY_STS
SYSFLT
R-0h
R-0-0h
R-0-1h
R-0h
7
6
5
4
3
2
1
0
RESET
SPIFLT
OCP
UVW
OVP
UVP
OTF
FAULT
R-1h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-11. DEV_STS Register Field Descriptions
Bit
Field
Type
Reset
Description
15
PARITY
R
0h
Parity Bit if SPI_PEN is set to '1' otherwise reserved
14-10
RESERVED
R-0
0h
Reserved
9
DNRDY_STS
R-0
1h
Device not ready status
0h = Device is ready to spin motor
1h = Device is not ready
8
SYSFLT
R
0h
OTP read fault occurred. Status remains latched until cleared by
write to FLT_CLR or reset pulse on nSLEEP
0h = No OTP read fault is detected
1h = OTP read fault detected
7
RESET
R
1h
Device power on status. Status remains latched until cleared by write
to FLT_CLR or reset pulse on nSLEEP
0h = Cleared by writing 1b to FLT_CLR bit after power-up
1h = Device has undergone power on reset
6
SPIFLT
R
0h
SPI fault status. Status remains latched until cleared by write to
FLT_CLR or reset pulse on nSLEEP
0h = No SPI fault is detected
1h = SPI fault is detected
5
OCP
R
0h
Driver over current Status. Status remains latched until cleared by
write to FLT_CLR or reset pulse on nSLEEP
0h = No over current condition is detected
1h = Over current condition is detected
4
UVW
R
0h
VM under voltage warning fault status. Status remains latched until
cleared by write to FLT_CLR or reset pulse on nSLEEP
0h = No VM under voltage warn condition is detected
1h = VM under voltage warn condition is detected
3
OVP
R
0h
Over voltage status. Status remains latched until cleared by write to
FLT_CLR or reset pulse on nSLEEP
0h = No over voltage condition is detected
1h = Over voltage condition is detected
2
UVP
R
0h
Supply under voltage status. Status remains latched until cleared by
write to FLT_CLR or reset pulse on nSLEEP
0h = No under voltage condition is detected on VM or CP
1h = Under voltage condition is detected on VM or CP
1
OTF
R
0h
Over temperature fault status. Status remains latched until cleared
by write to FLT_CLR or reset pulse on nSLEEP
0h = No over temperature warning / shutdown is detected
1h = Over temperature warning / shutdown is detected
0
FAULT
R
0h
Device fault status. Status remains latched until cleared by write to
FLT_CLR or reset pulse on nSLEEP
0h = No fault condition is detected
1h = Fault condition is detected
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com