| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV8317HREER bảng dữ liệu(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8317HREER bảng dữ liệu(HTML) 30 Page - Texas Instruments |
|
30 / 69 page ![]() and VM_UV or CP_UV in SUP_STS are set to 1b. Normal operation resumes automatically (pre-driver, charge pump operation and the nFAULT pin is released) once the retry time (tRETRY) lapses after VM or CP voltage is above the corresponding under voltage rising threshold (VVM_UV or VCP_UV) as shown in Figure 8-23. The FAULT, UVP and UV_UV or CP_UV bits stay set to 1b until a clear fault command is issued either through the FLT_CLR bit or an nSLEEP reset pulse (tRST). Retry time (tRETRY) is set by, • Slow retry time (SLOW_TRETRY) by configuring UVP_MODE to 00b • Fast retry time (FAST_TRETRY) by configuring UVP_MODE to 01b IN DRV8317H, UVP_MODE is set to 01b and FAST_TRETRY is fixed at 5-ms. VUV (min) falling VUV (max) falling VUV (max) rising VUV (min) rising VVM, VCP FETs ON Time FETs OFF tRETRY FETs ON tRETRY Figure 8-23. VM, CP Under Voltage Protection 8.3.11.2 VM Under Voltage Warn (VMUV_WARN) Protection DRV8317 provides user configurable thresholds (VVMUV_WARN_FALL, VVMUV_WARN_RISE) for VM under voltage warn protection. If at any time, voltage on VM pin falls below the VVMUV_WARN_FALL threshold, action is taken as per VMUV_WARN_MODE configuration. There are four settings for VMUV_WARN_MODE: automatic retry with slow and fast retry time, report only and disabled. The threshold for the VM under voltage warn fault condition to be removed is set by VVMUV_WARN_RISE. This fault can be enabled/ disabled using VMUV_WARN_EN. In DRV8317H, this fault is enabled by default and set to report only mode (VMUV_WARN_MODE set to 10b). 8.3.11.2.1 VM Under Voltage Warn Automatic Retry (VMUV_WARN_MODE = 00b or 01b) After a VM under voltage warn event in this mode, all the FETs are in Hi-Z and the nFAULT pin is driven low. The FAULT, UVW bits (in DEV_STS register) and VMUV_WARN bit (in SUP_STS register) are set to 1b. Normal operation resumes automatically (pre-driver operation and the nFAULT pin is released) once the retry time (tRETRY) time lapses after the VM pin voltage rises above the VVMUV_WARN_RISE threshold as shown in Figure 8-24. The FAULT, UVW and VMUV_WARN bits stay set to 1b until clear fault command is issued either through the FLT_CLR bit or an nSLEEP reset pulse (tRST). Retry time (tRETRY) is set by, • Slow retry time (SLOW_TRETRY) by configuring VPWR_MODE to 00b • Fast retry time (FAST_TRETRY) by configuring VPWR_MODE to 01b DRV8317 SLVSGT3 – DECEMBER 2022 www.ti.com 30 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRV8317 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |