| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H7CC-AS bảng dữ liệu(PDF) 51 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-AS bảng dữ liệu(HTML) 51 Page - Omron Electronics LLC |
|
51 / 66 page ![]() H7CC-R @ 51 *3 *2 Note: The monitor value is only displayed. It cannot be set. Note: The monitor value is only displayed. It cannot be set. Note: The monitor value is only displayed. It cannot be set. Note: The monitor value is only displayed. It cannot be set. Note: The monitor value is only displayed. It cannot be set. *3 Set each digit using the individual UP1 to UP4 Keys (DW1 to DW4 Keys). Set the output inversion using the UP1 Key (DW1 Key). * Use UP1+UP3 to move up and DW1+DW3 to move down • Set each digit using the UP1 Key (DW1 Key). • Set the indicator display mode using the UP1 Key (DW1 Key). Output inversion Indicator display mode (INDC) * * * * * * Software version (ver.) (Normally Close) (Normally Open) (Normally Close) (Normally Open) (Normally Close) (Normally Open) * Output inversion (OU-I) (9999 u 1000 times) (0 u 1000 times) Output 1 (OUT1) inversion (OT1I) Output 2 (OUT2) inversion (OT2I) (99.9 years) (10.0 years) (0.0 year) (Count status display) Cumulative run time (OT-A) alarm set value Cumulative run time (OT-C) monitor value alof allt on n-c n-o n-c n-o n-c n-o 9999 0 100 9999 0 100 0.0 99.9 10.0 (Indicator display is turned OFF, and the status indicator is all off.) (Indicator display is turned OFF, and the status indicator is all lit.) *2 * * * * 9999 0 100 From previous page To previous page Output ON count alarm set value/ monitor value Procedure for Models Other than “- @W(U)@” Models Procedure for “- @W(U)@” Models Procedure for Models Other than “- @W(U)@” Models Procedure for “- @W(U)@” Models Output 1 (OUT1) ON count alarm set value (ON1A) Output 2 (OUT2) ON count alarm set value (ON2A) Output 1 (OUT1) ON count monitor value (ON1C) Output 2 (OUT2) ON count monitor value (ON2C) (9999 u 1000 times) (0 u 1000 times) (9999 u 1000 times) (0 u 1000 times) Output ON count alarm set value (ON-A) Output ON count monitor value (ON-C) |