| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H7CC-AS bảng dữ liệu(PDF) 37 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-AS bảng dữ liệu(HTML) 37 Page - Omron Electronics LLC |
|
37 / 66 page ![]() 37 H7CC-A @ tachometer Operation in Run Mode Tachometer Operation ** * * * * * * * *4 *2 *1 *3 *4. Peak/bottom hold enabled *1. Not displayed for the 2-input mode. *2. Measurement value 1 for the 2-input input mode. *3. Measurement value 2 for the 2-input input mode. Measurement value 1 Comparison value 1 Measurement value 2 Comparison value 2 Measurement value Bottom hold value Peak hold value Bottom hold value 1 Peak hold value 1 Bottom hold value 2 Peak hold value 2 • Measurement value Displays the currently measured value. • Comparison value 1/Comparison value 2 Set comparison value 1 and comparison value 2. The measurement value is compared to comparison value 1 and comparison value 2 and output is made according to the selected output mode. Displayed when the input mode is not 2 inputs. Displayed for the 2-input input mode. • Peak/bottom hold value The peak (maximum) and bottom (minimum) values are displayed after counting starts. • Peak/bottom hold value 1 and 2 Peaks (maximums) 1 and 2 and bottoms (minimums) 1 and 2 are displayed after counting starts. • Set each digit using the individual UP1 to UP6 Keys (DW1 to DW6 Keys). * Use UP1+UP3 to move up and DW1+DW3 to move down * Use UP1+UP3 to move up and DW1+DW3 to move down * Use UP1+UP3 to move up and DW1+DW3 to move down Note: The hold values will be initialized when reset operation is performed or reset 1 input is turned OFF while peak/bottom hold values 1 and 2 are being displayed. (The reset 2 input operates in the same way if the input mode is set to 2-input mode.) |