công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSBS75XWHT bảng dữ liệu(PDF) 1 Page - Anderson Power Products, Inc.

tên linh kiện PSBS75XWHT
Giải thích chi tiết về linh kiện  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APP [Anderson Power Products, Inc.]
Trang chủ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PSBS75XWHT bảng dữ liệu(HTML) 1 Page - Anderson Power Products, Inc.

  PSBS75XWHT Datasheet HTML 1Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 2Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 3Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 4Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 5Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 6Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 7Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 8Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
- 67 -
All Data Subject To Change Without Notice
www.andersonpower.com
[84.8]
3.34
[ 16.5 ]
0.65
[ 55.9 ]
2.20
[ 19.1 ]
0.75
[ 6.4 ]
0.25
[ 36.1 ]
1.42
[ 3.6 ]
0.14 (2)
Material ID
[ 18.0 ]
0.71
SBS® Connectors
Up to 110 amps
The patented SBS® connector family is designed to provide
high power in a compact ergonomic housing with
protection against accidental contact with live circuits. This
is of particular importance in applications where DC
voltages exceed 30 volts and can be health threatening.
Wire-to-wire and wire-to-board configurations both
provide power contacts rated up to 110 amps. The SBS®75X
offers up to 4 mate-last break-first auxiliary power / signal
contacts rated up to 20 amps. The SBS®75G features a third
first-mate last-break ground or power contact. All contact
positions are rated for circuit interruption (hot plugging).
• Touch Safe Interface
Can safely be used in through panel applications
Minimizes potential contact with live circuits per IEC 60950
• Wire-to-Wire and Wire-to-Board Configurations
Allows one connector to meet multiple needs
• Ground or Auxiliary Positions Integrated into the
One Piece Housing
Meets all connection requirements in one compact
connector housing
SBS® ORDERING INFORMATION
P = Chemical Resistant
SBS® 50 Standard Housings
Polycarbonate housings feature 2 positions all finger proof.
Genderless design mates with itself. Mechanical keys are
color coded.
Description
Part Numbers
Minimum Quantity
500
50
Red
SBS50RED-BK
SBS50RED
Gray
SBS50GRA-BK
SBS50GRA
Blue
SBS50BLU-BK
SBS50BLU
Black
SBS50BLK-BK
SBS50BLK
Brown
SBS50BRN-BK
SBS50BRN
White
SBS50WHT-BK
SBS50WHT
Green
SBS50GRN-BK
SBS50GRN
SBS® 50 Chemical Resistant (CR) Housings
Same features as the standard housings, but molded out of a
chemical resistant PBT / PC blend. Suitable for use to -40°C.
Description
Part Numbers
Minimum Quantity
500
50
Gray
PSBS50GRA-BK
PSBS50GRA
Blue
PSBS50BLU-BK
PSBS50BLU
Green
PSBS50GRN-BK PSBS50GRN
Black
PSBS50BLK-BK
PSBS50BLK
Red
PSBS50RED-BK
PSBS50RED
Brown
PSBS50BRN-BK
PSBS50BRN
White
PSBS50WHT-BK PSBS50WHT
SBS® 75G
SBS® 75X
SBS® 50


Số phần tương tự - PSBS75XWHT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Anderson Power Products...
PSBS75XBLK APP-PSBS75XBLK Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
PSBS75XBLK-BK APP-PSBS75XBLK-BK Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
PSBS75XCLP1 APP-PSBS75XCLP1 Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
PSBS75XCLP1-BK APP-PSBS75XCLP1-BK Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
PSBS75XCLP2 APP-PSBS75XCLP2 Datasheet
1Mb / 8P
SBS® Connectors - up to 110 amps
More results

Mô tả tương tự - PSBS75XWHT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
SBS짰 Connectors - up to 110 amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com