công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSBS75XWHT bảng dữ liệu(PDF) 6 Page - Anderson Power Products, Inc.

tên linh kiện PSBS75XWHT
Giải thích chi tiết về linh kiện  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APP [Anderson Power Products, Inc.]
Trang chủ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PSBS75XWHT bảng dữ liệu(HTML) 6 Page - Anderson Power Products, Inc.

Back Button PSBS75XWHT Datasheet HTML 2Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 3Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 4Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 5Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 6Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 7Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 8Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 9Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 10Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
- 72 -
All Data Subject To Change Without Notice
www.andersonpower.com
SBS® CONNECTOR SPECIFICATIONS
ELECTRICAL
Current Rating Amperes 1
UL 1977
CSA / TUV EN1175 : 1998+A1
Primary Power (6 AWG)
110
75
80
Auxiliary (12 AWG)
20
10
20
Voltage Rating AC/DC
UL 1977
600
600
96
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
Power & Ground: 1 1/4”
of 6 AWG wire
0.200
Auxiliary: Wire & PCB
3.000
Hot Plug Current Rating Amperes - 250 cycles at 120V DC 5 Cycles at 96V DC
Wire & PCB Power
50A
Wire & PCB Auxiliary
5A
200A
Ground Short Time Current Test - SBS® 75G Wire & PCB
1530 Amps, (6 AWG) Wire
6 Seconds
MATERIALS
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT Blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire - SBS® 50
825°C (GWFI) / 800°C (GWIT)
- SBS® 75G
960°C (GWFI) / 800°C (GWIT)
- SBS® 75X
960°C (GWFI) / 800°C (GWIT)
Wire Power & Ground
Contact
Silver Plated Copper Alloy
PCB Power & Ground Contact Tin Plated Copper Alloy
SBS® 75X Auxiliary Contacts
Pin
Copper Alloy, Au Over Ni
Socket
BeCu, Au over Ni
Socket Body
Copper Alloy, Sn Bright Over Ni
Retention Clip
Stainless Steel
PCB Press Fit Retainers
Brass - Tin Plated
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire and PCB Contacts
Solder Dip
PCB Contacts
Wave Solder
PCB Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com