công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSBS75XWHT bảng dữ liệu(PDF) 4 Page - Anderson Power Products, Inc.

tên linh kiện PSBS75XWHT
Giải thích chi tiết về linh kiện  SBS® Connectors Up to 110 amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APP [Anderson Power Products, Inc.]
Trang chủ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

PSBS75XWHT bảng dữ liệu(HTML) 4 Page - Anderson Power Products, Inc.

  PSBS75XWHT Datasheet HTML 1Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 2Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 3Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 4Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 5Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 6Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 7Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 8Page - Anderson Power Products, Inc. PSBS75XWHT Datasheet HTML 9Page - Anderson Power Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
- 70 -
All Data Subject To Change Without Notice
www.andersonpower.com
25.0
50.0
75.0
100.0
125.0
0 10 20 30 40 50 60 70 80 90 100 110
SBS® 75X Auxiliary Contacts @ 10A
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0 10 20 30 40 50 60 70 80 90 100110
SBS® 75X Auxiliary Contacts @ 20A
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
25.0
50.0
75.0
100.0
125.0
0
20
40
60
80
100 120 140
SBS® 75X Primary Contacts Only
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110 120
SBS® 75X Primary Contacts Only
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
Current - Temperature Derating per IEC 60512-5-2 Test 5B
SBS® CONNECTOR TEMPERATURE CHARTS - Temperature rise charts are based on a 25°C
ambient temperature.
25
50
75
100
125
0
20
40
60
80 100 120 140
SBS® 50
Derating vs. Ambient Temperature
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110
SBS® 75X Auxiliary Contacts @ 10A
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90 100 110
SBS® 75X Auxiliary Contacts @ 20A
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
SBS® 50
Temperature Rise at Constant Current
Amperes Applied
0
10
20
30
40
50
60
0
20
40
60
80
100
120
6 AWG
8 AWG
10 AWG
12 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com