| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV16X bảng dữ liệu(PDF) 195 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV16X bảng dữ liệu(HTML) 195 Page - STMicroelectronics |
|
195 / 196 page ![]() List of figures Figure 1. Four-stage pedometer algorithm ........................................................ 5 Figure 2. Generic state machine............................................................... 6 Figure 3. State machine in the LSM6DSV16X ..................................................... 6 Figure 4. Machine learning core in the LSM6DSV16X ................................................ 7 Figure 5. Pin connections ................................................................... 8 Figure 6. LSM6DSV16X connection modes ....................................................... 9 Figure 7. SPI slave timing in mode 0 ........................................................... 15 Figure 8. SPI slave timing in mode 3 ........................................................... 16 Figure 9. I²C slave timing diagram ............................................................ 17 Figure 10. Read and write protocol (in mode 3) .................................................... 23 Figure 11. SPI read protocol (in mode 3) ......................................................... 24 Figure 12. Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 24 Figure 13. SPI write protocol (in mode 3)......................................................... 25 Figure 14. Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 25 Figure 15. SPI read protocol in 3-wire mode (in mode 3) .............................................. 25 Figure 16. Single-channel mode (XL_DualC_EN = 0) ................................................ 31 Figure 17. Dual-channel mode (XL_DualC_EN = 1) ................................................. 31 Figure 18. Block diagram of filters ............................................................. 33 Figure 19. Accelerometer UI chain ............................................................. 34 Figure 20. Accelerometer composite filter ........................................................ 34 Figure 21. Accelerometer chain with mode 3 enabled ................................................ 35 Figure 22. Gyroscope digital chain - mode 1 (UI/EIS) and mode 2 ....................................... 36 Figure 23. Gyroscope digital chain - mode 3 (OIS) .................................................. 37 Figure 24. LSM6DSV16X supports UI, enhanced EIS and OIS processing simultaneously....................... 38 Figure 25. Gyroscope enhanced EIS and UI block diagram ............................................ 38 Figure 26. Auxiliary SPI full control ............................................................. 40 Figure 27. OIS Primary interface full control....................................................... 41 Figure 28. LSM6DSV16X electrical connections in mode 1 ............................................ 45 Figure 29. Qvar external connections to pin 2, 3 (Qvar input) ........................................... 45 Figure 30. LSM6DSV16X electrical connections in mode 2 ............................................ 46 Figure 31. LSM6DSV16X electrical connections in mode 3 (auxiliary 3/4-wire SPI) ............................ 47 Figure 32. Accelerometer block diagram ......................................................... 71 Figure 33. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data ............................. 173 Figure 34. Carrier tape information for LGA-14 package ............................................. 174 Figure 35. LGA-14 package orientation in carrier tape............................................... 174 Figure 36. Reel information for carrier tape of LGA-14 package ........................................ 175 LSM6DSV16X List of figures DS13510 - Rev 1 page 195/196 |