| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV16X bảng dữ liệu(PDF) 152 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV16X bảng dữ liệu(HTML) 152 Page - STMicroelectronics |
|
152 / 196 page ![]() 15.1.14 EXT_CFG_A (D4h) External sensor coordinates (Z and Y axes) rotation register (r/w). Table 397. EXT_CFG_A register 0(1) EXT_Y_ AXIS2 EXT_Y_ AXIS1 EXT_Y_ AXIS0 0(1) EXT_Z_ AXIS2 EXT_Z_ AXIS1 EXT_Z_ AXIS0 1. This bit must be set to 0 for the correct operation of the device. Table 398. EXT_CFG_A description EXT_Y_AXIS[2:0] External sensor Y-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation) (000: Y = Y; (default) 001: Y = -Y; 010: Y = X; 011: Y = -X; 100: Y = -Z; 101: Y = Z; Others: Y = Y) EXT_Z_AXIS[2:0] External sensor Z-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation) (000: Z = Y; 001: Z = -Y; 010: Z = X; 011: Z = -X; 100: Z = -Z; 101: Z = Z; (default) Others: Z = Y) 15.1.15 EXT_CFG_B (D5h) External sensor coordinates (X-axis) rotation register (r/w). Table 399. EXT_CFG_B register 0(1) 0(1) 0(1) 0(1) 0(1) EXT_X_ AXIS2 EXT_X_ AXIS1 EXT_X_ AXIS0 1. This bit must be set to 0 for the correct operation of the device. Table 400. EXT_CFG_B description EXT_X_AXIS[2:0] External sensor X-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation) (000: X = Y; 001: X = -Y; 010: X = X; (default) 011: X = -X; 100: X = -Z; 101: X = Z; Others: X = Y) LSM6DSV16X Page 0 - embedded advanced features registers DS13510 - Rev 1 page 152/196 |