| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DST bảng dữ liệu(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST bảng dữ liệu(HTML) 133 Page - STMicroelectronics |
|
133 / 180 page ![]() DocID033525 Rev 2 133/180 LSM6DST Embedded functions register description 180 13.11 FSM_INT2_B (10h) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination of the selected signals. Table 249. FSM_INT2_B register description Table 248. FSM_INT2_B register INT2_ FSM16 INT2_ FSM15 INT2_ FSM14 INT2_ FSM13 INT2_ FSM12 INT2_ FSM11 INT2_ FSM10 INT2_ FSM9 INT2_FSM16(1) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. Routing of FSM16 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM15(1) Routing of FSM15 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM14(1) Routing of FSM14 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM13(1) Routing of FSM13 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM12(1) Routing of FSM12 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM11(1) Routing of FSM11 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM10(1) Routing of FSM10 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM9(1) Routing of FSM9 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) |