| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DST bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 180 page ![]() DocID033525 Rev 2 51/180 LSM6DST Functionality 180 characteristics see Table 62: Gyroscope LPF1 bandwidth selection. The digital LPF2 filter cannot be configured by the user and its cutoff frequency depends on the selected gyroscope ODR, as indicated in the following table. Data can be acquired from the output registers and FIFO over the primary I²C/I3C/SPI interface. Table 19. Gyroscope LPF2 bandwidth selection Gyroscope ODR [Hz] LPF2 cutoff [Hz] 12.5 4.2 26 8.3 52 16.6 104 33.0 208 66.8 417 135.9 833 295.5 1667 1108.1 3333 1320.7 6667 1441.8 |