| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DST bảng dữ liệu(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST bảng dữ liệu(HTML) 130 Page - STMicroelectronics |
|
130 / 180 page ![]() Embedded functions register description LSM6DST 130/180 DocID033525 Rev 2 13.8 FSM_INT1_B (0Ch) INT1 pin control register (r/w). Each bit in this register enables a signal to be carried over INT1. The pin's output will supply the OR combination of the selected signals. Table 243. FSM_INT1_B register description Table 242. FSM_INT1_B register INT1_ FSM16 INT1_ FSM15 INT1_ FSM14 INT1_ FSM13 INT1_ FSM12 INT1_ FSM11 INT1_ FSM10 INT1_ FSM9 INT1_FSM16(1) 1. This bit is effective if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1. Routing of FSM16 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM15(1) Routing of FSM15 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM14(1) Routing of FSM14 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM13(1) Routing of FSM13 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM12(1) Routing of FSM12 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM11(1) Routing of FSM11 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM10(1) Routing of FSM10 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT1_FSM9(1) Routing of FSM9 interrupt event on INT1. Default value: 0 (0: routing on INT1 disabled; 1: routing on INT1 enabled) |