| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DST bảng dữ liệu(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DST bảng dữ liệu(HTML) 132 Page - STMicroelectronics |
|
132 / 180 page ![]() Embedded functions register description LSM6DST 132/180 DocID033525 Rev 2 13.10 FSM_INT2_A (0Fh) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination of the selected signals. Table 247. FSM_INT2_A register description Table 246. FSM_INT2_A register INT2_ FSM8 INT2_ FSM7 INT2_ FSM6 INT2_ FSM5 INT2_ FSM4 INT2_ FSM3 INT2_ FSM2 INT2_ FSM1 INT2_FSM8(1) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. Routing of FSM8 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM7(1) Routing of FSM7 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM6(1) Routing of FSM6 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM5(1) Routing of FSM5 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM4(1) Routing of FSM4 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM3(1) Routing of FSM3 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM2(1) Routing of FSM2 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM1(1) Routing of FSM1 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) |