| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A111-001-R bảng dữ liệu(PDF) 12 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A111-001-R bảng dữ liệu(HTML) 12 Page - Acconeer AB |
|
12 / 35 page ![]() A111 Pulsed Coherent Radar (PCR) Datasheet, v2.8 © 2022 Copyright by Acconeer 2022-06-22 Page 12 of 35 MEASURE, PROFILE 4 VIO_1 5.09 5.94 mA MEASURE, PROFILE 4 VIO_2 3.36 3.77 mA MEASURE, PROFILE 4 VIO_3 68.1 77.6 mA MEASURE, PROFILE 5 VIO_1 6.21 7.14 mA MEASURE, PROFILE 5 VIO_2 4.68 5.15 mA MEASURE, PROFILE 5 VIO_3 68.1 77.6 mA Table 5.6. Average current ratings at power terminals for the sensor states. (1) based on non Sparse service configuration (2) based on Sparse service configuration 5.6 RF Specification The below table shows the A111 RF specification at Top = -40ºC to 85ºC: Parameter Min. Typ. Max. Unit Operating frequency range 57 64 GHz EIRP 10 dBm TX HPBW, elevation plane (1) 42 53 64 degrees TX HPBW, horizontal plane (1) 52 65 78 degrees Table 5.7. A111 RF specification. (1) Based on simulation. |