| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A111-001-R bảng dữ liệu(PDF) 34 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A111-001-R bảng dữ liệu(HTML) 34 Page - Acconeer AB |
|
34 / 35 page ![]() A111 Pulsed Coherent Radar (PCR) Datasheet, v2.8 © 2022 Copyright by Acconeer 2022-06-22 Page 34 of 35 12 Abbreviations ADC Analog digital converter AiP Antenna in package API Application programming interface BGA Ball grid array BOM Bill of materials CE "Conformité Européene" (which literally means "European Conformity") CPHA Clock phase CPOL Clock polarity EIRP Equivalent isotropically radiated power ESD Electrostatic discharge ETSI European Telecommunications Standards Institute FCC Federal Communications Commission fcCSP Flip-chip chip-scale package GND Ground HAL Hardware abstraction layer HPBW Half power beamwidth LDO Low-dropout regulator MCU Microcontroller unit MISO Master input, slave output MOSI Master output, slave input NC No connect PCR Pulse coherent radar PLL Phase locked loop PoR Power on reset RCS Radar cross section RF Radio frequency RX Receiver SPI Serial peripheral interface SS Slave select STD Standard deviation TCXO Temperature compensated crystal oscillator TX Transceiver XTAL Crystal |