công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A111-001-R bảng dữ liệu(PDF) 30 Page - Acconeer AB

tên linh kiện A111-001-R
Giải thích chi tiết về linh kiện  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACCOONEER [Acconeer AB]
Trang chủ  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R bảng dữ liệu(HTML) 30 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 26Page - Acconeer AB A111-001-R Datasheet HTML 27Page - Acconeer AB A111-001-R Datasheet HTML 28Page - Acconeer AB A111-001-R Datasheet HTML 29Page - Acconeer AB A111-001-R Datasheet HTML 30Page - Acconeer AB A111-001-R Datasheet HTML 31Page - Acconeer AB A111-001-R Datasheet HTML 32Page - Acconeer AB A111-001-R Datasheet HTML 33Page - Acconeer AB A111-001-R Datasheet HTML 34Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
© 2022 Copyright by Acconeer
2022-06-22
Page 30 of 35
Labelling requirements for the host device
The host device should be labelled to identify the modules within the host device, which means that
the host device shall be labelled to display the IC of the module preceded by words "Contains
transmitter module" or "Contains", or similar wording expressing the same meaning, as follows
Contains IC: 24388-A111
Le dispositif hôte doit être étiqueté afin d’identifier les modules du dispositif hôte, ce qui veut dire que
le dispositif hôte doit être etiqueté pour exposer le IC du module précedé par les mots “Contient
module émetteur” ou “Contient”, ou des termes similaires exprimant le même sense, comme suit:
Contient IC: 24388-A111
10.3.2 Acceptance Certificate - Canada



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35