công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L63 bảng dữ liệu(PDF) 113 Page - Cirrus Logic

tên linh kiện CS47L63
Giải thích chi tiết về linh kiện  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 bảng dữ liệu(HTML) 113 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 109Page - Cirrus Logic CS47L63 Datasheet HTML 110Page - Cirrus Logic CS47L63 Datasheet HTML 111Page - Cirrus Logic CS47L63 Datasheet HTML 112Page - Cirrus Logic CS47L63 Datasheet HTML 113Page - Cirrus Logic CS47L63 Datasheet HTML 114Page - Cirrus Logic CS47L63 Datasheet HTML 115Page - Cirrus Logic CS47L63 Datasheet HTML 116Page - Cirrus Logic CS47L63 Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 300 page
background image
DS1085F3
113
CS47L35
4.6 Digital Audio Interface
4.6.4
TDM Operation Between Three or More Devices
The AIF operation described in Section 4.6.3 illustrates how multiple audio channels can be interleaved on a single TXDAT
or RXDAT pin. The interface uses TDM to allocate time periods to each of the audio channels in turn.
This form of TDM is implemented between two devices, using the electrical connections shown Fig. 4-35 or Fig. 4-36.
It is also possible to implement TDM between three or more devices. This allows one codec to receive audio data from
two other devices simultaneously on a single audio interface, as shown in Fig. 4-45, Fig. 4-46, and Fig. 4-47.
The CS47L35 provides full support for TDM operation. The TXDAT pin can be tristated when not transmitting data, in order
to allow other devices to transmit on the same wire. The behavior of the TXDAT pin is configurable, to allow maximum
flexibility to interface with other devices in this way.
Typical configurations of TDM operation between three devices are shown in Fig. 4-45, Fig. 4-46, and Fig. 4-47.
Figure 4-45. TDM with CS47L35 as Master
Figure 4-46. TDM with Other Codec as Master
Processor
TXDAT
LRCLK
RXDAT
BCLK
TXDAT
LRCLK
RXDAT
BCLK
CS47L35
CS47L35
or similar
CODEC
TXDAT
LRCLK
RXDAT
BCLK
TXDAT
LRCLK
RXDAT
BCLK
Processor
CS47L35
CS47L35
or similar
CODEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com