công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L63 bảng dữ liệu(PDF) 50 Page - Cirrus Logic

tên linh kiện CS47L63
Giải thích chi tiết về linh kiện  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 bảng dữ liệu(HTML) 50 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 46Page - Cirrus Logic CS47L63 Datasheet HTML 47Page - Cirrus Logic CS47L63 Datasheet HTML 48Page - Cirrus Logic CS47L63 Datasheet HTML 49Page - Cirrus Logic CS47L63 Datasheet HTML 50Page - Cirrus Logic CS47L63 Datasheet HTML 51Page - Cirrus Logic CS47L63 Datasheet HTML 52Page - Cirrus Logic CS47L63 Datasheet HTML 53Page - Cirrus Logic CS47L63 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 300 page
background image
50
DS1085F3
CS47L35
4.3 Digital Core
The CS47L35 automatically checks to confirm whether the SYSCLK frequency is high enough to support the commanded
EQ and digital mixing functions. If an attempt is made to enable an EQ signal path, and there are insufficient SYSCLK
cycles to support it, the attempt does not succeed. Note that any signal paths that are already active are not affected under
such circumstances.
The FX_STS field in register R3585 indicates the status of each of the EQ, DRC, and LHPF signal paths. If an
underclocked error condition occurs, this field indicates which EQ, DRC, or LHPF signal paths have been enabled.
The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error
condition occurs, these bits indicate which mixers have been enabled.
4.3.5
Dynamic Range Control (DRC)
The digital core provides two stereo DRC processing blocks, as shown in Fig. 4-17. A four-input mixer is associated with
each DRC input channel. The input sources are selectable in each case, and independent volume control is provided for
each path. The stereo DRC blocks support two outputs each.
The function of the DRC is to adjust the signal gain in conditions where the input amplitude is unknown or varies over a
wide range, for example, when recording from microphones built into a handheld system or to restrict the dynamic range
of an output signal path.
To improve intelligibility in the presence of loud impulsive noises, the DRC can apply compression and automatic level
control to the signal path. It incorporates anticlip and quick-release features for handling transients.
The DRC also incorporates a noise-gate function that provides additional attenuation of very low-level input signals. This
means that the signal path is quiet when no signal is present, giving an improvement in background noise level under these
conditions.
A signal-detect function is provided within the DRC; this can be used to detect the presence of an audio signal and to
trigger other events. It can also be used as an interrupt event or to trigger the control-write sequencer. Note that DRC
triggering of the control-write sequencer is supported for DRC1 only.
Table 4-10. EQ Gain-Control Range
EQ Gain Setting Gain (dB) EQ Gain Setting Gain (dB)
00000
–12
01101
+1
00001
–11
01110
+2
00010
–10
01111
+3
00011
–9
10000
+4
00100
–8
10001
+5
00101
–7
10010
+6
00110
–6
10011
+7
00111
–5
10100
+8
01000
–4
10101
+9
01001
–3
10110
+10
01010
–2
10111
+11
01011
–1
11000
+12
01100
0
11001–11111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com