công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L63 bảng dữ liệu(PDF) 8 Page - Cirrus Logic

tên linh kiện CS47L63
Giải thích chi tiết về linh kiện  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L63 bảng dữ liệu(HTML) 8 Page - Cirrus Logic

Back Button CS47L63 Datasheet HTML 4Page - Cirrus Logic CS47L63 Datasheet HTML 5Page - Cirrus Logic CS47L63 Datasheet HTML 6Page - Cirrus Logic CS47L63 Datasheet HTML 7Page - Cirrus Logic CS47L63 Datasheet HTML 8Page - Cirrus Logic CS47L63 Datasheet HTML 9Page - Cirrus Logic CS47L63 Datasheet HTML 10Page - Cirrus Logic CS47L63 Datasheet HTML 11Page - Cirrus Logic CS47L63 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 300 page
background image
8
DS1085F3
CS47L35
1.2 Pin Descriptions
DCVDD
U7
—
—
Digital core supply
DGND
J11, T4,
U9
—
—
Digital ground (return path for DCVDD and DBVDDn)
FLLVDD
K12
—
—
Analog supply (FLL1)
SPKGNDN
R3
—
—
Speaker driver ground (return path for SPKVDD) 1
SPKGNDP
U3
—
—
Speaker driver ground (return path for SPKVDD) 1
SPKVDD
R1, U1
—
—
Speaker driver supply
SUBGND
H12, N1
—
—
Substrate ground
No Connect
NC
D4, H6,
J5, J7
—
—
No connection
1. Separate P/N ground connections are provided for the Class D speaker output, which provides flexible support for current monitoring and
output-protection circuits. If this option is not used, these ground connections should be tied together on the PCB.
Table 1-1. Pin Descriptions (Cont.)
Name
Ball #
Power
Supply
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More