| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9788 bảng dữ liệu(PDF) 216 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 bảng dữ liệu(HTML) 216 Page - STMicroelectronics |
|
216 / 264 page ![]() Micro second channel (MSC) interface L9788 216/264 DS12308 Rev 4 Lock Command Registers that have this function are locked as default. Registers are unlocked by the UNLOCK command and locked again by the LOCK command. Before the LOCK command the registers stay unlocked. Unlock Command Enables the write right to registers under lock. Question and Answer Watch Dog Enable command WD is enabled as default. Question and Answer Watch Dog Disable command SW-Reset command This command generates internal reset initiated by the CPU's software that clears all the configuration and diagnostic registers and switches off all the drivers. W C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 LOCK 1 0 0 1 1 1 1 010 10101 W C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 UNLOCK 1 0 0 1 1 1 1 101 01010 W C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 WDA_EN 1 0 0 1 1 1 1 0 1 1 0 0 1 1 0 W C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 WDA_DIS 1 0 0 1 1 1 1 1 0 0 1 1 0 0 1 W C0 C1 C2 C3 C4 C5 C6 D0 D1 D2 D3 D4 D5 D6 D7 SW-RESET 1 0 1 1 1 0 1 011 01101 |