| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9788 bảng dữ liệu(PDF) 205 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 bảng dữ liệu(HTML) 205 Page - STMicroelectronics |
|
205 / 264 page ![]() DS12308 Rev 4 205/264 L9788 Micro second channel (MSC) interface 263 Enable the driver off diagnosis and the currents required by it. 0: off diagnosis disabled (default) 1: off diagnosis enabled [3] IPUPD_EN_STR2 Enable the driver off diagnosis and the currents required by it. 0: off diagnosis disabled (default) 1: off diagnosis enabled [2] IPUPD_EN_STR1 Enable the driver off diagnosis and the currents required by it. 0: off diagnosis disabled (default) 1: off diagnosis enabled [1] WDA_PWR_CNT_OFF_DIS Disable the power down due to watchdog pwr_cnt overflow. 0: enabled (default) 1: disabled [0] Not used 18.5.14 CONFIG-REG 14 [7] STR3_UC 0→1: micro command for fast diagnostic activation for relay driver STR3 0: no functionality (default) 1: no functionality [6] STR2_UC 0→1: micro command for fast diagnostic activation for relay driver STR2 0: no functionality (default) C 0 C 1 C 2 C 3 C 4 C 5 C 6 D0 D1 D2 D3 D4 D5 D6 D7 CONFI G-REG 14 1 1 1 0 0 1 1 RLY1_ UC RLY2_ UC RLY3_ UC RLY4_ UC RLY5_ UC STR1_ UC STR2_ UC STR3_ UC RW DEFAULT 0 0 0 0 0 0 0 0 RESET SOURCE D0:D7 v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset, after_run_reset, RSTN_IN ACTIVATION D0:D7 bits active as pulse CONTROL ACCESS D0:D7 not locked bits |