| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9788 bảng dữ liệu(PDF) 203 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 bảng dữ liệu(HTML) 203 Page - STMicroelectronics |
|
203 / 264 page ![]() DS12308 Rev 4 203/264 L9788 Micro second channel (MSC) interface 263 18.5.12 CONFIG-REG 12 [7] WK_IN_RST Activation of WK_IN_RST, active on level 1: clearing of WK_IN_DET 0: no functionality (default) [6] WAKE_UP_EOT_RST Activation of WAKE_UP_EOT_RST, active on level 1: clearing of WAKE_UP_EOT_DET 0: no functionality (default) [5] WAKE_UP_CAN_RST Activation of WAKE_UP_CAN_RST, active on level 1: clearing of WAKE_UP_CAN_DET 0: no functionality (default) [4] FILTER_MODE Select the filter time (Tflt_diagoff) of all the drivers. 0: selected Tflt_diagoff1 (100us) (default) 1: selected Tflt_diagoff2 (600us) [3] O2H1_OC_FLT Select the OVC filter time for O2H1. 0: select I_LS_ocv_flt (default) 1: select I_LS_ocv_flt x 2 [2] VDD5_OV_RST_EN Enable the contribution of VDD5_OV in the reset matrix 0: disabled C 0 C 1 C 2 C 3 C 4 C 5 C 6 D0 D1 D2 D3 D4 D5 D6 D7 CONFIG- REG 12 1 0 0 1 0 0 1 TNL_R ST_EN VB_IN _OV_R ST_EN VDD5_ OV_RS T_EN O2H1 _OC_ FLT FILTER _MODE WAKE_ UP_CAN _RST WAKE_U P_EOT_ RST WK_IN_ RST RW DEFAULT 1 1 1 0 0 0 0 0 RESET SOURCE D0:D7 v3v3a_ov, v3v3a_uv, v3v3d_ov, v3v3d_uv, vdd5_uv, vddio_uv, sw_reset, after_run_reset, RSTN_IN ACTIVATION D0:D7 bits active as level CONTROL ACCESS not locked bits |