| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDA903U-KBX bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA903U-KBX bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 80 page ![]() DS12498 Rev 2 31/80 FDA903U Muting function architecture 79 The Mixed-Mute approach is more robust than Analog-Mute only approach. The effects are visible when the command signal variations inside the muting window last longer than the muting/unmuting time. An example is depicted in the figure below: Figure 46. Analog-Mute vs. Mixed-Mute In any moment the user can disable the Digital-mute, acting on I2C bit IB13-d6, obtaining the standard Analog-mute function. |