| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDA903U-KBX bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA903U-KBX bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 80 page ![]() Electrical specifications FDA903U 16/80 DS12498 Rev 2 Figure 6. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 2 Ω, f = 1 kHz sine wave) Figure 7. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 2 Ω, pink noise) Figure 8. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 8 Ω, f = 1 kHz sine wave) Figure 9. Efficiency and power dissipation (Vs = 14.4 V, RL = 1 x 8 Ω, pink noise) Figure 10. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, f = 1 kHz sine wave) Figure 11. Efficiency and power dissipation (Vs = 18 V, RL = 1 x 4 Ω, pink noise) |